Part Number Hot Search : 
XU1000 SI1128 2N5018 BFG197 RB520 2SB493 80050 NCP707
Product Description
Full Text Search
 

To Download MDR2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dielectric Resonator Oscillator
Free Running, Mechanically Tuned
Specifications
(1)
Model MDR2100
2.5 to 21.0 GHz
:
2.5-6.0 GHz 10 MHz 5 ppm/ C 100 ppm 20 ppm/Volt -15 dBc -70 dBc +10 dBm 6.0-21.0 GHz 20 MHz 5 ppm/ C 100 ppm 20 ppm/Volt -15 dBc -70 dBc +10 dBm Frequency (GHz) 2.5 to 6.0 4.0 to 10.0 6.0 to 14.0 10.0 to 14.0 14.0 to 21.0
Frequency Range: (2) Mechanical Tuning Bandwidth (min.) Stability (max.)(3) Pulling, 12 dB RL (max.) Pushing (max.) Harmonics (max.) Spurious (max.) Output Power (min.) (4)
Outline DD2A DD1 DD DD4 DD6
Phase Noise (typ.) 10 kHz Offset, dBc/Hz 100 kHz Offset, dBc/Hz 1 MHz Offset, dBc/Hz Input DC(5) Operating Temperature RF Connector DC Connector
2.5 GHz -105 -130 -150
6 GHz -99 -124 -144
12 GHz -93 -118 -138
20 GHz -88 -113 -133
+12 VDC 3% @ 125 mA max. -20 to +65C SMA Female Solder Pin
Notes: 1. Specifications labeled "min." or "max." are guaranteed in a 50 Ohm system over the specified temperature range. 2. Output frequency must be specified. 3. Averaged over the full temperature range. 4. Higher output power is available. 5. Alternate input voltage available. 6. Package must be verified by Spectrum Microwave.
PRODUCT LABEL AREA THIS SURFACE "C" "S" MAX
"J" DIA. THRU 4 PLACES "F" "E" "G"
"P" MAX "N" MAX "M"
"A" GND VDC FREQ ADJUST COARSE FINE Note 1
DIMENSIONS: INCHES
"L" "H" "D"
"B"
"R"
RF OUTPUT SMA-FEMALE
"K"
"A" "DD" 1.65 "DD1" 1.75 "DD2A" 1.75 "DD4" 1.65 "DD6" 1.65
OUTLINE
DIM.
"B" 1.46 1.60 2.00 1.18 1.46 "B" 37.1 40.6 50.8 30.0 37.1
"C" .15 .12 .12 .15 .15 "C" 3.8 3.0 3.0 3.8 3.8
"D" 1.350 1.500 1.500 1.350 1.350 "D" 34.29 38.10 38.10 34.29 34.29
"E" .36 .30 .50 .22 .36 "E" 9.1 7.6 12.7 5.6 9.1
"F" .726 1.000 1.000 .750 .726 "F" 18.44 25.40 25.40 19.05 18.44
"G" .32 .25 .25 .32 .32 "G" 8.1 6.4 6.4 8.1 8.1
"H" 1.00 1.25 1.25 1.00 1.00 "H" 25.4 31.8 31.8 25.4 25.4
"J" .140 .125 .125 .125 .140 "J" 3.6 3.2 3.2 3.2 3.6
"K" .76 .83 .83 .84 .83 "K" 19.3 21.1 21.1 21.3 21.1
"L" .92 .98 .96 .77 .71 "L" 23.4 24.9 24.4 19.6 18.0
"M" .16 .19 .19 .19 .16 "M" 4.0 4.8 4.8 4.8 4.0
"N" 1.55 1.70 1.75 1.55 1.55 "N" 39.4 43.2 44.5 39.4 39.4
"P" 1.70 2.00 2.00 1.70 1.70 "P" 43.2 50.8 50.8 43.2 43.2
"R" .38 .38 .38 .38 .38 "R" 9.7 9.7 9.7 9.7 9.7
"S" .40 .40 .40 .40 .40 "S" 10.2 10.2 10.2 10.2 10.2
1. Outline DD4 uses a separate adjustment screw for coarse and fine tune vs. the concentric adjustment shown.
DIMENSIONS: MM
"A" "DD" 41.9 "DD1" 44.5 "DD2A" 44.5 "DD4" 41.9 "DD6" 41.9
OUTLINE
DIM.
All dimensions are in inches and [mm].
SP
ECTRU
INC.
MICROWAVE
A Spectrum Control Business
SPECTRUM MICROWAVE * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * Phone: (888) 553-7531 * Fax: (888) 553-7532 783
www.specwave.com SPECTRUM CONTROL GmbH * Hansastrasse 6 * 91126 Schwabach, Germany * Phone: (49)-9122-795-0 * Fax: (49)-9122-795-58
DROs
M


▲Up To Search▲   

 
Price & Availability of MDR2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X